PART |
Description |
Maker |
LTC3707-SYNC |
High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator
|
Linear Technology
|
LTC3727A-1 LTC3727AEG-1 |
High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
|
Linear Technology
|
LTC1929C LTC1929CG LTC1929 LTC1929IG LTC1929I |
2-PHASE, HIGH EFFICIENCY, SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR
|
Linear Technology
|
LTC1628-SYNC LTC1628CG-SYNC LTC1628IG-SYNC |
High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator
|
LINER[Linear Technology]
|
LTC3734-15 |
Single-Phase, High Efficiency DC/DC Controller for Intel Mobile CPUs
|
Linear Technology
|
SC5012 |
High Efficiency 4-Ch, 150mA/Ch LED Driver with I2C Interface and Phase-Shifted PWM Dimming
|
Semtech Corporation
|
LTC1709EG-85 LTC1709-85 |
2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator 2-Phase, 5-Bit VID,Current Mode, High Efficiency,Synchronous Step-Down Switching Regulator
|
Linear Technology
|
SC5012Q |
High Efficiency 4-Ch, 150mA/Ch LED Driver with I2C Interface and Phase-Shifted PWM Dimming
|
Semtech Corporation
|
LTC1708-PG LTC1708-PG1 LTC1708EG-PG |
Dual Adjustable 5-Bit VID High Efficiency, 2-Phase Current Mode Synchronous Buck DC/DC Controller
|
Linear Technology
|
ADP1148-3.3 ADP1148-5 ADP1148AN-3.3 ADP1148AR-3.3 |
InputV: 0.3-20V; 50mA; high efficiency synchronous step-down switching regulator. For notebook and palmtop computers, portable instrumnets, battery operated digital devices 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C High Efficiency Synchronous Step-Down Switching Regulators(高效率同步步降开关稳压器)
|
Analog Devices, Inc.
|
41PCT170T4-R/G/G/G |
T-1 DUAL COLOR LED ARRAY, HIGH EFFICIENCY RED/HIGH EFFICIENCY GREEN, 3 mm
|
LEDTRONICS INC
|
GL39931 BB40931 BA36931 BA36933 BD40931 BF37931E B |
SCREWDRIVER SET, DUOSUPSLIM 5 PCSCREWDRIVER SET, DUOSUPSLIM 5 PC; Handle type:SHATTERPROOF POLYPROPYLENE; Kit contents:2.5, 3, 4mm Slot, Philips N0 0, Philips N0 00 RIVETER PLIERSRIVETER PLIERS; Rivet Diameter: 单相模压桥梁0,8放大,5放大 SINGLE PHASE MOULDED BRIDGES 0,8 AMP TO 1,5 AMP 单相模压桥梁0,8放大,5放大 ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% ER 14C 14#16 SKT PLUG Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 1000uF; Voltage: 63V; Case Size: 16x40 mm; Packaging: Bulk SINGLE PHASE MOULDED BRIDGES 0.8 AMP TO 1.5 AMP Single Phase Moulded Bridges 0.8 Amp ro 1.5 Amp SINGLE PHASE MOULDED BRIDGES 0,8 AMP TO 1,5 AMP
|
Electronic Theatre Controls, Inc. Facon ETC[ETC] Rohm Sharp Electrionic Components List of Unclassifed Manufacturers List of Unclassifed Man...
|